PART |
Description |
Maker |
PSD4235G1-C-90B81I PSD4235F1-C-20J PSD4235F3-C-20B |
CAP 0.33UF 25V 10% TANT SMD-3216-18 TR-13-PL SN100% Flash在系统可编程ISP的外设的16位微控制V电源 Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply Flash在系统可编程ISP的外设的16位微控制V电源 CAP 0.33UF 25V 10% TANT SMD-3216-18 TR-13-PL SN/PB5% Flash在系统可编程ISP的外设的16位微控制V电源 CAP 47UF 6.3V 20% TANT SMD-3216-18 TR-13-PL SN100% CAP 1UF 20V 10% TANT SMD-3216-18 TR-13-PL SN100% CAP 3.3UF 20V 20% TANT SMD-3216-18 TR-13-PL SN100%
|
STMicroelectronics N.V. 意法半导
|
TACR106M004RTA TACR106K004RTA TACL685K004RTA TACR1 |
CAP 10UF 4V 20% TANT SMD-2012-15 TR-7-PL CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 10 uF, SURFACE MOUNT, 0805 CAP 10UF 4V 10% TANT SMD-2012-15 TR-7-PL CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 10 uF, SURFACE MOUNT, 0805 CAP 6.8UF 4V 10% TANT SMD-1608-10 TR-7-PL CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 6.8 uF, SURFACE MOUNT, 0603 CAP 10UF 6.3V 10% TANT SMD-2012-15 TR-4.25-PL CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 10 uF, SURFACE MOUNT, 0805 CAP 10UF 3V 10% TANT SMD-1608-10 TR-4.25-PL CAPACITOR, TANTALUM, SOLID, POLARIZED, 3 V, 10 uF, SURFACE MOUNT, 0603 CAP 10UF 16V 20% TANT SMD-2012-15 TR-7-PL CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 10 uF, SURFACE MOUNT, 0805
|
AVX, Corp.
|
CWR09CK106KZA CWR09CK107JZA CWR09CK106MZA CWR09CC1 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 10 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 100 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.15 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.1 uF, SURFACE MOUNT CHIP CAP 15UF 10V 10% TANT SMD-6034-18 BULK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 15 uF, SURFACE MOUNT CAP 33UF 15V 10% TANT SMD-7238-28 BULK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 15 V, 33 uF, SURFACE MOUNT CAP 10UF 25V 10% TANT SMD-6728-28 BULK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 10 uF, SURFACE MOUNT
|
AVX, Corp.
|
ST47-60T1MIE3 ST560-25T2KI ST32ETA503 ST15-100T1KI |
ST SuperTan® Wet Tantalum Capacitors with Hermetic Seal Cap Tant Wet 560uF 25V 10% (7.92 X 17.88mm) Axial 0.83 Ohm 125C Bulk Res Cermet Trimmer 50K Ohm 20% 1/8W 1(Elec)/1(Mech)Turn 1.9mm (3.4 X 3.5 X 2mm) J-Hook SMD T/R CAP 15UF 100VDC 20% 5.56 X 13.08MM AXL - Bulk SCR PHASE CONT 600V 280A TO-93 Cap Tant Wet 10uF 125V 10% (4.78 X 11.51mm) Axial 5.5 Ohm 125C Bulk CAP 10UF 125VDC 20% 4.78 X 11.51MM AXL - Bulk CAP WET TANT 1200UF±20%V CAP 330UF 75VDC 20% 10.31 X 21.03MM AXL - Bulk CAP 33UF 75VDC 10% 4.78 X 11.51MM AXL - Bulk CAP 150UF 60VDC 10% 7.92 X 17.88MM AXL - Bulk Cap Tant Wet 220uF 100V 20% (10.31 X 28.6mm) Axial 1.2 Ohm 125C Bulk
|
Vishay Sprague Vishay Semiconductors
|
IDT74FCT162543ATPF IDT74FCT162543ATPFB IDT74FCT162 |
CAP 6.8UF 16V 20% TANT SMD-6032-28 TR-7-PL SN/PB5% LOWESR-800 CAP 6.8UF 16V 20% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-800 CAP 6.8UF 35V 10% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-900 CAP 6.8UF 25V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 CAP 6.8UF 25V 10% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-600 FAST CMOS 16-BIT LATCHED TRANSCEIVER 快速CMOS 16位锁存收发器 FAST CMOS 16-BIT LATCHED TRANSCEIVER FCT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 CAP 10UF 16V 20% TANT SMD-3528-12 TR-7-PL SN100% LOWESR-6000 快速CMOS 16位锁存收发器
|
Integrated Device Techn... Integrated Device Technolog... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT74FCT162823CTPA IDT74FCT162823CTPAB IDT74FCT162 |
FAST CMOS 18-BIT REGISTER CAP 150UF 16V 10% TANT SMD-7343-31 TR-7-PL SN100% LOWESR-400 CAP 150UF 10V 20% TANT SMD-7343-31 TR-7-PL SN100% LOWESR-150 快速CMOS 18位的寄存 CAP 150UF 16V 20% TANT SMD-7343-31 TR-7-PL SN100% LOWESR-400 快速CMOS 18位的寄存
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
MG10Q6ES51A |
CAP 68UF 35V 20% TANT SMD-7361-38 TR-7 N通道IGBT的(高PWER开关,发动机控制应用) N CHANNEL IGBT (HIGH PWER SWITCHING, MOTOR CONTROL APPLICATIONS) N CHANNEL IGBT (HIGH PWER SWITCHING / MOTOR CONTROL APPLICATIONS)
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
TPSC226K020R-MR TPSC107K010R-MR TPSV107K020R-MR TP |
CAP. 100UF MINIREEL 100PCS CAP. 220UF MINIREEL 100PCS CAP. 22UF MINIREEL 200PCS CAP. 150UF MINIREEL 100PCS CAP. 6.8UF MINIREEL 100PCS CAP. 6.8UF MINIREEL 200PCS 第10uF的MINIREEL 200 第2.2uF的MINIREEL 200 第22UF MINIREEL 200 第15UF MINIREEL 100 第4.7UF MINIREEL 200 第47UF MINIREEL 200 第470UF MINIREEL 100 第3.3UF MINIREEL 200 第220UF MINIREEL 100 第68UF MINIREEL 200 第33UF MINIREEL 100 第330UF MINIREEL 100 第1.5UF MINIREEL 200 CAP. 68UF MINIREEL 100PCS 第68UF MINIREEL 100 CAP. 22UF MINIREEL 100PCS 第22UF MINIREEL 100 CAP. 47UF MINIREEL 100PCS 第47UF MINIREEL 100 CAP. 15UF MINIREEL 200PCS 第15UF MINIREEL 200 CAP. 470UF MINIREEL 100PCS CAP. 33UF MINIREEL 100PCS CAP. 4.7UF MINIREEL 200PCS CAP. 10UF MINIREEL 200PCS
|
3M Company Vishay Intertechnology, Inc. Panduit, Corp.
|
M5218 MSMB5218 MSM5218 |
CAP .68UF 50V ELECT MVK BI SMD ADPCM Voice Analysis/Synthesis IC
|
OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets] OKI electronic components
|
|